Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download 2SB1554 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1554
Silicon PNP epitaxial planar type
For power amplification
Unit: mm
s Features
q
13.00.2 4.20.2
5.00.1 10.00.2 1.0
q
High forward current transfer ratio hFE which has satisfactory linearity Allowing automatic insertion with radial taping (TC=25C)
90
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
2.50.2
1.20.1
C1.0 2.250.2
18.00.5 Solder Dip
Ratings -60 -60 -20 -8 -4 -2 15 2 150 -55 to +150
Unit V V V A A A W C C
0.350.1
0.650.1 1.050.1 0.550.1 0.550.1
C1.0
123
2.50.2
2.50.2
1:Base 2:Collector 3:Emitter MT4 Type Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE1* hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = -60V, IE = 0 VCE = -50V, IB = 0 VEB = -15V, IC = 0 IC = -10mA, IB = 0 VCE = -4V, IC = - 0.8A VCE = -4V, IC = -2A IC = -2A, IB = -100mA IC = -2A, IB = -100mA VCE = -10V, IC = - 0.5A, f = 1MHz IC = -2A, IB1 = -100mA, IB2 = 100mA, VCC = -50V 25 0.4 0.6 0.25 -60 80 30 -1.0 -1.5 V V MHz s s s 400 min typ max -10 -50 -10 Unit A A A V
FE1
Rank classification
Q 80 to 160 P 120 to 240 O 200 to 400
Rank hFE1
1
Power Transistors
PC -- Ta
20 -4.0 (1) TC=Ta (2) Without heat sink (PC=2.0W) 15 TC=25C -3.5 IB=-50mA -45mA -40mA -35mA -30mA -2.5 -2.0 -1.5 -1.0 -5mA -25mA -20mA -15mA -10mA
2SB1554
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=20 -30 -10 -3 -1
VCE(sat) -- IC
Collector power dissipation PC (W)
Collector current IC (A)
-3.0
(1) 10
- 0.3 - 0.1 - 0.03 TC=100C 25C -25C
5
(2) 0 0 20 40 60 80 100 120 140 160
- 0.5 0 0 -2 -4 -6 -8 -10 -12 -14 -16
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100 105 IC/IB=20 -30 -10 -3 -1 TC=-25C 25C 100C
hFE -- IC
1000 VCE=-4V 300 100 30 10 3 1 0.3 1 - 0.001
fT -- IC
VCE=-10V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
104
103 TC=100C 102 -25C
25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
10
Transition frequency fT (MHz)
-10
-1
-3
-10
- 0.01
- 0.1
-1
0.1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
104 100 IE=0 f=1MHz TC=25C 103 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=20 (-IB1=IB2) VCC=-50V TC=25C
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C
Collector output capacitance Cob (pF)
Switching time ton,tstg,tf (s)
Collector current IC (A)
10 3 1 ton 0.3 tf 0.1 0.03 tstg
-10 -3 -1
ICP t=1ms IC 10ms DC
102
- 0.3 - 0.1 - 0.03 - 0.01 -1
10
1 - 0.1 - 0.3
0.01 -1 -3 -10 -30 -100 0 -1 -2 -3 -4 -5
-3
-10
-30
-100 -300 -1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
2SB1554
Thermal resistance Rth(t) (C/W)
1000
100 (1) (2) 10
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1554

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X